Part Number Hot Search : 
IRF713 SC2544 DR251 78R03 QPA2237 MAX893 100PC MRF5711L
Product Description
Full Text Search
 

To Download PSDI3306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECO-PACTM 2
Three Phase Rectifier Bridge
with IGBT and Fast Recovery Diode for Braking System
PSDI 33/06
IC25 VCES IFAV25 VRRM
X KEG
= 44 A = 600 V = 18 A = 1200 V
VP S MA
Preliminary Data Sheet
IGBT
Symbol
VCES VGES IC25 IC80 RBSOA tSC
Test Conditions
TVJ = 25 C to 150 C continuous TC = 25 C TS = 80 C
VCE = 600 V, RG = 10 , TVJ = 125 C clamped inductive load, L = 100 H VCE = 600 V, VGE = 15 V, RG = 10 , TVJ = 125 C, non-repetitive
Maximum Ratings
600 20 44 30 ICM = 100 VCEKVCES 10 s V V A A A
1
3
NTC optional
Symbol
VCE(sat) VCE(sat) VCE(sat) VGE(th) VGE(th) ICES ICES IGES td(on) tr td(off) tf Eon Eoff Cies QGon RthJC RthJH
Test Conditions
Characteristic Values
TVJ = 25 C, unless otherwise specified
VGE = 15 V, IC = 10 A, TVJ = 25 C VGE = 15 V, IC = 10 A, TVJ = 25 C
max. typ. min. max.
1.8 1.5 1.6 3 5 0.04 1 100 31 50 291 70 0.60 0.31 1600 140 0.96 tbd
V V V V V mA mA nA ns ns ns ns mJ mJ pF nC K/W K/W
Features
TVJ = 125 C typ.
VGE = VCE, IC = 1 mA VGE = VCE, IC = 1 mA
* * * * * *
VCE = VCES, VGE = 0 V, TVJ = 25 C max. TVJ = 125 C typ.
}
VCE = 0 V, VGE = 20 V
max. typ. typ. typ. typ. typ. typ. typ. max. max.
High level of integration - only one power semiconductor module required for the whole braking system module Isolation voltage 3600 V Planar glass passivated chips Ultrafast freewheel diode
Leads suitable for PC board soldering
Thermistor (optional)
inductive load, TVJ = 125 C
VCE = 400 V, IC = 10 A
VGE = 15 V, RG = 10
Applications
*
Drive inverters with brake system
VCE = 25 V, f = 1 MHz, VGE = 0 V
Advantages
VCE = 480 V, IC = 10 A, VGE = 15 V typ.
* * * * *
Module
Symbol
TVJ TJM Tstg Visol Md Weight
Test Conditions
Maximum Ratings
-40...+150 150 -40...+150 C C C V V Nm g
Easy to mount with two screws Space and weight savings high temperature and power cycling capability Small and light weight 2 functions in one package
50/60 Hz Iisol 1 mA typ.
t = 1 min t=1s
3000 3600 1.5-2.0 24
Caution: These Devices are sensitive to electrostatic discharge. Users should observe proper ESD handling precautions.
Data according to IEC 60747 refer to a single diode unless otherwise stated
Mounting torque (M 4)
2005 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
Fast Recovery Diode
Symbol
VRRM IF25 IF80
Test Conditions
TVJ = 25 C to 150 C TC = 25 C TC = 80 C
Maximum Ratings
600 30 19 V A A Package style and outline
Dimensions in mm (1mm = 0.0394")
Symbol
VF
Test Conditions
IF = 10 A, TVJ = 25 C TVJ = 25 C TVJ = 125 C
Characteristic Values
TVJ = 25 C, unless otherwise specified
max. typ. max. max. typ.
3.2 2.2 2.4 0.1 0.1 tbd tbd 1.15 tbd
V V V mA mA A ns K/W K/W
IR IRM trr RthJC RthJH
VR = VRRM,
TVJ = 25 C TVJ = 125 C
IF = 10 A, diF/dt = -400 A/s, TVJ = 125 C
VR = 400 V max. with heat transfer paste
Rectifier Diodes
Symbol
VRRM IFAV25 IFAV80 IFSM
Test Conditions
TC = 25 C, sine 180 TC = 80 C, sine 180 TVJ = 25 C, T = 10 ms (50Hz)
Maximum Ratings
1200 41 28 75 V A A A
Symbol
VF
Test Conditions
IF = 10 A, TVJ = 25 C TVJ = 25 C TVJ = 125 C
Characteristic Values
TVJ = 25 C, unless otherwise specified
max. typ. typ. max. typ. max.
1.8 1.4 1.6 0.05 0.5 1 2.5 tbd
V V V mA mA s K/W K/W
IR trr RthJC RthJH
VR = VRRM,
TVJ = 25 C TVJ = 125 C
VR = 100 V, IF = 10 A, -di/dt = 5 A/s typ.
per diode with heat transfer paste
Module
Symbol
ds dA a R25*
Test Conditions
Creeping distance on surface Creeping distance in air Max. allowable acceleration NTC @ 25 C
Characteristic Values
11.2 5 50 470.000 mm mm m/s
*NTC will be changed in future to 5.000 .
2005 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20


▲Up To Search▲   

 
Price & Availability of PSDI3306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X